PART |
Description |
Maker |
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PLQ16L8-5A PLQ16L8-5N PLQ16R4-5A PLQ16R8-5A PLQ16R |
Dual 12-Bit Rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C 12-Bit Rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Fuse-Programmable PLD 保险丝,可编程的PLD
|
NIC Components, Corp.
|
MAX985 MAX985-MAX994 MAX990EKA-T MAX990EUA MAX989E |
1Gbps.High-Speed Limiting Amplifier with Chatter-Free Loss of Signal Detection[MAX3262/MAX3262C/D/MAX3262CAG/MAX3262CAG-T ] Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1655L LTC1655LCS8PBF LTC1655LIS8PBF |
16-Bit Rail-to-Rail Micropower DACs in SO-8 Package(16微功耗满幅度电压输出数模转换SO-8封装,内部基准1.25V)) 16位轨至轨微数模转换器采用SO - 8封装6位,微功耗满幅度电压输出数模转换器(以SO - 8封装.25V的内部基准) 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit Rail-to-Rail Micropower DACs in SO-8 Package; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO8
|
Linear Technology, Corp.
|
LTC1655CS8 LTC1655C LTC1655CN8 LTC1655IN8 LTC1655I |
From old datasheet system 16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
|
LINER[Linear Technology]
|
LTC1453 LT1451 |
12-Bit Rail-to-Rail Micropower DACs in SO-8 From old datasheet system
|
Linear
|
LT1638HS8 LT1639HS LT1638CDD LT1638IDD LT1638IMS8 |
1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1.2MHz, 0.4V/μs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/渭s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/レs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
|
LINEAR TECHNOLOGY CORP
|
AD62707 AD627BNZ AD627BRZ AD627BRZ-R7 AD627BRZ-RL |
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial INSTRUMENTATION AMPLIFIER, 190 uV OFFSET-MAX, 0.08 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
ADM6315 ADM6315-25D2ART-RL ADM6315-25D2ART-RL7 ADM |
Voltage Detector 电压检测器 Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Rail-to-Rail Current Sense Amplifier Micropower Ring Tone Generator Synchronous, Step-Down 800kHz PWM DC/DC Converter 2.5 V to 5 V at 100 mV Increments Supervisory Circuit in 4-Lead SOT-143
|
ON Semiconductor Electronic Theatre Controls, Inc. Analog Devices, Inc. Xicon Passive Components
|
LTC1657LCGN LTC1657LIN LTC1657L LTC1657LC LTC1657L |
Low-Power Dual LinCMOS<TM> Timer 14-SOIC -55 to 125 并行16位轨到轨微援 Parallel 16-Bit Rail-to-Rail Micropower DAC From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
LT1490CMS8TR LT1490 LT1490IS8PBF LT1490-15 |
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps Use LT1490A/LT1491A for new designs Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1850 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|